PART |
Description |
Maker |
AU5780A AU5780AD |
SAE/J1850/VPW transceiver
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MC33990 MC33990DR2 MC33990D |
J1850 Serial transceiver with enhanced Ground Enhanced Class B Serial Transceiver
|
Freescale (Motorola) FREESCALE[Freescale Semiconductor, Inc]
|
HIP7010 HIP7010B HIP7010P FN3644 |
From old datasheet system J1850 Byte Level Interface Circuit
|
INTERSIL[Intersil Corporation]
|
ST92F124 ST92F124R9 ST92F124R9T6 ST92F124V1 ST92F1 |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
|
STMicroelectronics
|
ST92150DR9QC ST92150JCV9QC ST92150CV2QB ST92150JCV |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
|
SGS Thomson Microelectronics
|
74ABT640 74ABT640_2 74ABT640PWDH 74ABT640D 74ABT64 |
Octal transceiver with direction pin, inverting (3-State) Octal transceiver with direction pin, inverting 3-State From old datasheet system Octal transceiver with direction pin/ inverting 3-State SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch Quadruple D-Type Flip-Flops With Clear 16-SOIC 0 to 70 ABT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20 Single 8-Bit Inverting Bus Transceiver ABT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MICRF501 MICRF501BLQ |
512 MACROCELL 3.3 VOLT ZERO POWER ISP CP - NOT RECOMMENDED for NEW DESIGN 300MHz to 600MHz RadioWireRF Transceiver 300MHz to 600MHz RadioWire RF Transceiver 300MHz to 600MHz RadioWire⑩ RF Transceiver
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LTC1343 LTC1343CGW LTC1343CGWTRPBF |
Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 44; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO44 Software-Selectable Multiprotocol Transceiver LINE TRANSCEIVER, PDSO44 Software-Selectable Multiprotocol Transceiver(软件可选择4收多协议收发
|
Linear Technology, Corp. Linear Technology Corporation
|
CA82C59A-10CJ CA82C59A-10CN CA82C59A-8IP CA82C59A- |
300KHZ -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT MODE PWM REGULATOR 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors ST92F124/ST92F150/ST92F250 - 8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD 3.3V Step down current mode PWM DC-DC converters 中断控制 Interrupt Controller 中断控制
|
Microchip Technology, Inc. Atmel, Corp.
|
V23806-A34-C2 V23806-A84-C2 |
SM 155 Mbd ATM/SDH/SONET Transceiver SM 155 Mbd FDDI Transceiver Single Mode FDDI 1x9 Transceiver with SC Receptacle
|
INFINEON[Infineon Technologies AG]
|
SPC-48-LR-39CNA SPC-48-LR-61CDA SPC-48-LR-43CNA SP |
FIBER OPTIC TRANSCEIVER, 1200-1625nm, 2488Mbps(Tx), 2488Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1404-1417nm, 2488Mbps(Tx), 2488Mbps(Rx) OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
|
Source Photonics, Inc.
|
ACT4435NFP ACT4435N ACT4435N-701 ACT4435N-FP |
LINE TRANSCEIVER, DFP24 Standard Products ACT4435N Transceiver for H009 Specification
|
Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|